Part Number Hot Search : 
B320A 00EL1 TAC97 FP6191PM HC373A 00506 TSOP1836 AN4111
Product Description
Full Text Search
 

To Download SMF201A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maximum ratings and electrical chara cteristics rating 25 c ambient temperature uniess otherwies specified. single phase half wave, 60hz, resistive or inductive load.for capacitive load, derate current by 20%. type number maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 2.0a maximum dc reverse current t a=25 c at rated dc blocking voltage t a=125 c maximum reverse recovery time (note 1) typical junction capacitance (note 2) 50 100 200 400 600 800 1000 v 50 100 200 400 600 800 1000 v 35 70 140 280 420 560 700 2.0 60 5.0 300 50 -65 +150 v a a v ns pf notes: 1. reverse recovery time test condition: if=0.5a, ir=1.0a, irr=0.25a 2. measured at 1mhz and applied reverse voltage of 4.0v d.c. SMF201A thru smf207a 1.3 250 500 150 vol t age range 50 to 1000 volts current 2.0 amp surf ace mount fast recovery rectifiers mechanical da t a * case: molded plastic * epoxy: ul 94v-0 rate flame retardant * metallurgically bonded construction * polarity: color band denotes cathode end * mounting position: any fea tures * ideal for surface mount applications * easy pick and place * built-in strain relief * fast switching speed operating and storage t emperature range t j , t stg c a a at t l =75 c units smf smf smf smf smf smf smf 201a 202a 203a 204a 205a 206a 207a dimensions in inches and (millimeters) do-214ac(sma) .205(5.20) .189(4.80) .177(4.50) .157(3.99) .012(0.31) .006(0.15) .058(1.47) .052(1.32) .087(2.20) .071(1.80) .060(1.52) .030(0.76) .110(2.79) .100(2.54) .005 (.127) max. 478 2.0 amperes
0.1 1.0 .01 10 50 rating and characteristic curves (SMF201A thru smf207a) fig.1-typical forward characteristics fig.2-typical forward current dera ting curve a v e r a g e f o r w a r d c u r r e n t , ( a ) fig.5-typical junction capacit ance reverse voltage,(v) j u n c t i o n c a p a c i t a n c e , ( p f ) i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) forward volt age,(v) pulse width 300us 1% duty cycle 0.4 0.8 1.2 1.6 2.0 2.4 140 120 100 80 60 40 20 0 (+) (+) 25vdc (approx.) ( ) ( ) pulse generator (note 2) oscilliscope (note 1) 1 non-inductive w notes: 1. rise time= 7ns max., input impedance= 1 megohm.22pf. 2. rise time= 10ns max., source impedance= 50 ohms. +0.5a 0 -0.25a -1.0a | || | | | | | 1cm set time base for 50 / 10ns / cm trr .01 .05 .1 .5 1 5 10 50 100 d.u.t. .6 .8 1.0 1.2 1.4 1.6 1.8 2.0 3.0 fig.3- test circuit diagram and reverse recovery time characteristics 10 noninductive 50 noninductive w w tj=25 c 0 fig.4-maximum non-repetitive forward surge current 0 20 40 80 100 60 number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half sine wave jedec method p e a k f o r w a r d s u r g e c u r r e n t , ( a ) single phase half wave 60hz resistive or inductive load 0 20 40 60 80 100 120 140 160 180 200 479 lead temperature ( c)


▲Up To Search▲   

 
Price & Availability of SMF201A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X